Part Number Hot Search : 
IPD60 FB4410Z SC942160 TRLPB AS1117S TS274ACN SPD3901 D2587P18
Product Description
Full Text Search
 

To Download MC54F00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC54/74F00 QUAD 2-INPUT NAND GATE
QUAD 2-INPUT NAND GATE
VCC 14 13 12 11 10 9 8
FASTTM SCHOTTKY TTL
J SUFFIX CERAMIC CASE 632-08 1 2 3 4 5 6 7 GND
14 1
14 1
N SUFFIX PLASTIC CASE 646-06
14
1
D SUFFIX SOIC CASE 751A-02
ORDERING INFORMATION
MC54FXXJ MC74FXXN MC74FXXD Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA Supply Voltage Operating Ambient Temperature Range Parameter 54, 74 54 74 IOH IOL Output Current -- High Output Current -- Low 54, 74 54, 74 Min 4.5 -55 0 Typ 5.0 25 25 Max 5.5 125 70 -1.0 20 mA mA Unit V C
FAST AND LS TTL DATA 4-2
MC54/74F00
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 54, 74 74 VOL IIH Output LOW Voltage Input HIGH Current 2.5 2.7 0.5 20 0.1 IIL IOS ICC Input LOW Current Output Short Circuit Current (Note 2) Power Supply Current Total, Output HIGH Total, Output LOW -60 -0.6 -150 2.8 10.2 Min 2.0 0.8 -1.2 Typ Max Unit V V V V V V A mA mA mA mA mA Test Conditions Guaranteed Input HIGH Voltage Guaranteed Input LOW Voltage VCC = MIN, IIN = -18 mA IOH = -1.0 mA IOH = -1.0 mA IOL = 20 mA VCC = 4.50 V VCC = 4.75 V VCC = MIN
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.5 V VCC = MAX, VOUT = 0 V VCC = MAX, VIN = GND VCC = MAX, VIN = Open
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type. 2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS
54/74F TA = +25C VCC = +5.0 V CL = 50 pF Symbol tPLH tPHL Parameter Propagation Delay Propagation Delay Min 2.4 1.5 Max 5.0 4.3 54F TA = -55C to +125C VCC = 5.0 V 10% CL = 50 pF Min 2.0 1.5 Max 7.0 6.5 74F TA = 0C to 70C VCC = 5.0 V 10% CL = 50 pF Min 2.4 1.5 Max 6.0 5.3 Unit ns ns
FAST AND LS TTL DATA 4-3


▲Up To Search▲   

 
Price & Availability of MC54F00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X